Part Number Hot Search : 
8SXB33M 2A1209XS 7N60L AP1684A R5050F PC956L TMP88 TA114T
Product Description
Full Text Search
 

To Download SFH620AA-X009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sfh620aa/ sfh620agb document number 83676 rev. 1.4, 26-oct-04 vishay semiconductors www.vishay.com 1 i179062 1 2 4 3 c e a/c c/a pb p b -free e3 optocoupler, ac input, 5300 v rms features ? high current transfer ratios  at 5 ma: 50-600 %  at 1.0 ma: 45 % typical (> 13)  low ctr degradation  good ctr linearity depending on forward current  isolation test voltage, 5300 v rms  high collector-emitter voltage, v ceo = 70 v  low saturation voltage  fast switching times  temperature stable  low coupling capacitance  end-stackable, .100?(2.54 mm) spacing  high common-mode interference immunity (unconnected base)  smd option, see sfh620a/sfh6206 data sheet  lead-free component  component in accordance to rohs 2002/95/ec and weee 2002/96/ec agency approvals  ul1577, file no. e52744 system code h or j, double protection  din en 60747-5-2 (vde0884) din en 60747-5-5 pending available with option 1  csa 93751  bsi iec60950 iec60065 description the sfh620aa/ sfh620agb features a high current transfer ratio, low coupling capacitance and high iso- lation voltage. these couplers have a gaas infrared emitting diode emitter, which is optically coupled to a silicon planar photot ransistor detector, and is incorpo- rated in a plastic dip-4 package. the coupling devices are designed for signal trans- mission between two electric ally separated circuits. the couplers are end-stackable with 2.54 mm lead spacing. creepage and clearance distances of > 8.0 mm are achieved with option 6. this version complies with iec 60950 (din vde 0805) for reinforced insulation up to an operation voltage of 400 v rms or dc. order information for additional information on t he available options refer to option information. part remarks sfh620aa ctr 50 - 600 %, dip-4 sfh620agb ctr 100 - 600 %, dip-4 SFH620AA-X009 ctr 50 - 600 %, smd-4 (option 9) sfh620agb-x007 ctr 100 - 600 %, smd-4 (option 7) sfh620agb-x009 ctr 100 - 600 %, smd-4 (option 9)
www.vishay.com 2 document number 83676 rev. 1.4, 26-oct-04 vishay sfh620aa/ sfh620agb vishay semiconductors absolute maximum ratings t amb = 25 c, unless otherwise specified stresses in excess of the absolute maximum ratings can caus e permanent damage to the device. f unctional operation of the device is not implied at these or any other conditions in excess of those given in the operati onal sections of this document. exposure to absolute maximum rating for extended periods of the time can adversely affect reliability. input output coupler parameter test condition symbol value unit reverse voltage v r 6.0 v dc forward current i f 60 ma surge forward current t p 10 si fsm 2.5 a total power dissipation p diss 100 mw parameter test condition symbol value unit collector-emitter voltage v ce 70 v emitter-collector voltage v ec 7.0 v collector current i c 50 ma t p 1.0 ms i c 100 ma power dissipation p diss 150 mw parameter test condition symbol value unit isolation test voltage (between emitter and detector, refer to climate din 40046, part 2, nov. 74) v iso 5300 v rms creepage 7.0 mm clearance 7.0 mm insulation thickness between emitter and detector 0.4 mm comparative tracking index per din iec 112/vde0 303, part 1 175 isolation resistance v io = 500 v, t amb = 25 c r io 10 12 ? v io = 500 v, t amb = 100 c r io 10 11 ? storage temperature t stg - 55 to + 150 c ambient temperature t amb - 55 to + 100 c junction temperature t j 100 c soldering temperature max. 10 s. dip soldering distance to seating plane 1.5 mm t sld 260 c
vishay sfh620aa/ sfh620agb document number 83676 rev. 1.4, 26-oct-04 vishay semiconductors www.vishay.com 3 electrical characteristics t amb = 25 c, unless otherwise specified minimum and maximum values are testing requirements. typical val ues are characteristics of the device and are the result of eng ineering evaluation. typical values are for information only and are not part of the testing requirements. input output coupler current transfer ratio parameter test condition symbol min ty p. max unit forward voltage i f = 60 ma v f 1.25 1.65 v capacitance v r = 0 v, f = 1.0 mhz c o 50 pf thermal resistance r thja 750 k/w parameter test condition symbol min ty p. max unit collector-emitter capacitance v ce = 5.0 v, f = 1.0 mhz c ce 6.8 pf thermal resistance r thja 500 k/w parameter test condition part symbol min ty p. max unit collector-emitter saturation voltage i f = 10 ma, i c = 2.5 ma v cesat 0.25 0.4 v coupling capacitance c c 0.2 pf collector-emitter leakage current v ce = 10 v sfh620aa i ceo 10 100 na sfh620agb i ceo 10 100 na parameter test condition part symbol min ty p. max unit i c /i f i f = 5 ma, v ce = 5.0 v sfh620aa 50-600 % sfh620agb 100-600 % figure 1. switching times (typ ical values) li near operation (saturated) isfh620aa_0 r l = 1.9 ? v cc =5v 47 ? i c i f =5ma
www.vishay.com 4 document number 83676 rev. 1.4, 26-oct-04 vishay sfh620aa/ sfh620agb vishay semiconductors switching characteristics typical characteri stics (tamb = 25 c unless otherwise specified) parameter te s t c o n d i t i o n symbol min ty p. max unit turn-on time i f = 5 ma, r l = 1.9 k ? , v cc = 5 v t on 2.0 s turn-off time i f = 5 ma, r l = 1.9 k ? , v cc = 5 v t off 25 s figure 2. current transfer ratio (ctr) vs. temperature figure 3. output characteristics (typ.) collector current vs. collector-emitter voltage isfh620a_01 i f = 10 ma, v ce = 5.0 v isfh620a_02 fiure 4.diodeforardvoltae (typ.)s.forardcurrent fiure 5.transistorcapacitance (typ.)s.collectoremitter voltae isfh620a_03 isfh620a_04 f = 1.0 mhz
vishay sfh620aa/ sfh620agb document number 83676 rev. 1.4, 26-oct-04 vishay semiconductors www.vishay.com 5 figure 6. permissible pulse hand ling capability forward current vs. pulse width figure 7. permissible power dissi pation vs. ambient temperature figure 8. permissible diode fo rward current vs. ambient temperature isfh620a_05 pulse cycle d = parameter, isfh620a_06 isfh620a_07
www.vishay.com 6 document number 83676 rev. 1.4, 26-oct-04 vishay sfh620aa/ sfh620agb vishay semiconductors package dimensions in inches (mm) i178027 .255 (6.48) .268 (6.81) 1 2 4 3 .179 (4.55) .190 (4.83) pin one id .030 (.76) .045 (1.14) 4 typ. .100 (2.54) .130 (3.30) .150 (3.81) .020 (.508 ) .035 (.89) 10 3C9 .018 (.46) .022 (.56) .008 (.20) .012 (.30) .031 (.79) typ. .050 (1.27) typ. .300 (7.62) typ. .110 (2.79) .130 (3.30) .230 (5.84) .250 (6.35) .050 (1.27) iso method a .315 (8.0) min. .300 (7.62) typ . .180 (4.6) .160 (4.1) .331 (8.4) min. .406 (10.3) max. .028 (0.7) min. option 7 18494 min. .315 (8.00) .020 (.51) .040 (1.02) .300 (7.62) ref. .375 (9.53) .395 (10.03) .012 (.30) typ. .0040 (.102) .0098 (.249) 15 max. option 9
vishay sfh620aa/ sfh620agb document number 83676 rev. 1.4, 26-oct-04 vishay semiconductors www.vishay.com 7 ozone depleting subst ances policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performanc e of our products, processes, distribution and operatingsystems with respect to their impact on the hea lth and safety of our empl oyees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (odss). the montreal protocol (1987) and its london amendments (1990) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively 2. class i and ii ozone depleting substances in the cl ean air act amendments of 1990 by the environmental protection agency (epa) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c (transitional substances) respectively. vishay semiconductor gmbh can certify that our semi conductors are not manufactured with ozone depleting substances and do not contain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating parameters must be validated for each customer application by the customer. should the buyer use vishay semiconductors products for any unintended or unauthorized application, the buyer shall indemnify vishay semiconductors against all claims, costs, damages, and expenses, arising out of , directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany telephone: 49 (0)7131 67 2831, fax number: 49 (0)7131 67 2423


▲Up To Search▲   

 
Price & Availability of SFH620AA-X009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X